Part Number Hot Search : 
N5399 UPD780 30A02MH 1510145X NDS355 LL5228B B123ES IRF3707L
Product Description
Full Text Search
 

To Download 1N4734A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4728A~1N4764A
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE VOLTAGE 3.3 to 100 Volts 1.0 Watts POWER
FEATURES
* Low profile package * Built-in strain relief * Low inductance * High temperature soldering : 260C /10 seconds at terminals * Plastic package has Underwriters Laboratory Flammability Classification 94V-O * Pb free product are available : 99% Sn above can meet Rohs environment substance directive request
DO-41/DO-41G
Unit: inch(mm)
.034(.86)
1.0(25.4)MIN.
.028(.71)
MECHANICALDATA
* Case: Molded Glass DO-41G / Molded plastic DO-41 * Epoxy:UL 94V-O rate flame retardant * Terminals: Axial leads, solderable per MIL-STD-202G, * Method 208 guaranteed * Polarity: Color band denotes positive end * Mounting position:Any * Weight: 0.012 ounces , 0.336 gram * Ordering information : Suffix : " -G " to order Molded Glass Package Suffix : " -P " to order Molded plastic Package * Packing information B - 1K per Bulk box T/R - 5K per 13" paper Reel T/B - 2.5K per horiz. tape & Ammo box
.107(2.7)
1.0(25.4)MIN.
.205(5.2) .160(4.1)
.080(2.0)
Note : This outline drawing is model plastics. Its appearance size same as glass.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
P ar m et r a e P ow erD i si aton atTam b = 25 spi Juncton Tem per t r i aue S t r ge Tem per t r R ange oa aue
O
S ym bol
Val e u 1* 150 - 5 t + 150 5o
U nis t W
O
C
PTO T TJ TSTG
C C
O
* ald pr vi ed t atl ads ata di t nce of10m m fom case ar keptatam bi ntt m per t r . Vi od he sa r e ee aue
P ar m et r a e Ther alR esi t nce Juncton t A m bi ntA i m sa io e r For ar Volage atI = 200m A wd t F
S ym bol
Mi. n -
Typ.
M ax. 170* 1. 2
U nis t K/ W V
Rt A h VF
-
* ald pr vi ed t atl ads ata di t nce of10m m fom case ar keptatam bi ntt m per t r . Vi od he sa r e ee aue
REV.0-MAR.7.2005
PAGE . 1
1N4728A~1N4764A
M axi u m Zen er I p ed an ce m m VZ @ I ZT P ar N um ber t N om .V 1. W at ZE N E R 0 t 1N 4728A 1N 4729A 1N 4730A 1N 4731A 1N 4732A 1N 4733A 1N 4734A 1N 4735A 1N 4736A 1N 4737A 1N 4738A 1N 4739A 1N 4740A 1N 4741A 1N 4742A 1N 4743A 1N 4744A 1N 4745A 1N 4746A 1N 4747A 1N 4748A 1N 4749A 1N 4750A 1N 4751A 1N 4752A 1N 4753A 1N 4754A 1N 4755A 1N 4756A 1N 4757A 1N 4758A 1N 4759A 1N 4760A 1N 4761A 1N 4762A 1N 4763A 1N 4764A 3. 3 3. 6 3. 9 4. 3 4. 7 5. 1 5. 6 6. 2 6. 8 7. 5 8. 2 9. 1 10. 0 11. 0 12. 0 13. 0 15. 0 16. 0 18. 0 20. 0 22. 0 24. 0 27. 0 30. 0 33. 0 36. 0 39. 0 43. 0 47. 0 51. 0 56. 0 62. 0 68. 0 75. 0 82. 0 91. 0 100. 0 3. 1 3. 4 3. 7 4. 1 4. 5 4. 8 5. 3 5. 9 6. 5 7. 1 7. 8 8. 6 9. 5 10. 5 11. 4 12. 4 14. 3 15. 2 17. 1 19. 0 20. 9 22. 8 25. 7 28. 5 31. 4 34. 2 37. 1 40. 9 44. 7 48. 5 53. 2 58. 9 64. 6 71. 3 77. 9 86. 5 95. 0 3. 5 3. 8 4. 1 4. 5 4. 9 5. 4 5. 9 6. 5 7. 1 7. 9 8. 6 9. 6 10. 5 11. 6 12. 6 13. 7 15. 8 16. 8 18. 9 21. 0 23. 1 25. 2 28. 4 31. 5 34. 7 37. 8 41. 0 45. 2 49. 4 53. 6 58. 8 65. 1 71. 4 78. 8 86. 1 95. 6 105. 0 76 69 64 58 53 49 45 41 37 34 31 28 25 23 21 19 17 15. 5 14 12. 5 11. 5 10. 5 9. 5 8. 5 7. 5 7. 0 6. 5 6. 0 5. 5 5. 0 4. 5 4. 0 3. 7 3. 3 3. 0 2. 8 2. 5 10 10 9. 0 9. 0 8. 0 7. 0 5. 0 2. 0 3. 5 4. 0 4. 5 5. 0 7. 0 8. 0 9. 0 10 14 16 20 22 23 25 35 40 45 50 60 70 80 95 110 125 150 175 200 250 350 400 400 400 400 500 550 600 700 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000 1. 0 1. 0 1. 0 1. 0 1. 0 1. 0 1. 0 1. 0 1. 0 0. 5 0. 5 0. 5 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 M i .V n M ax. V mA I ZT ZZT @ I ZT ZZK @ I ZK I ZK mA
M a x i u m Leakage C ur ent m r I @ VR R uA V
M ar i g kn C ode D O -4 1 D O -4 1 G
P ackage
100 100 50 10 10 10 10 10 10 10 10 10 10 5. 0 5. 0 5. 0 5. 0 5. 0 5. 0 5. 0 5. 0 5. 0 5. 0 5. 0 5. 0 5. 0 5. 0 5. 0 5. 0 5. 0 5. 0 5. 0 5. 0 5. 0 5. 0 5. 0 5. 0
1. 0 1. 0 1. 0 1. 0 1. 0 1. 0 2. 0 3. 0 4. 0 5. 0 6. 0 7. 0 7. 6 8. 4 9. 1 9. 9 11. 4 12. 2 13. 7 15. 2 16. 7 18. 2 20. 6 22. 8 25. 1 27. 4 29. 7 32. 7 35. 8 38. 8 42. 6 47. 1 51. 7 56. 0 62. 2 69. 2 76. 0
1N 4741A 1N 4742A 1N 4743A 1N 4744A 1N 4745A 1N 4746A 1N 4747A 1N 4748A 1N 4749A 1N 4750A 1N 4751A 1N 4752A 1N 4753A 1N 4754A 1N 4755A 1N 4756A 1N 4757A 1N 4758A 1N 4759A 1N 4760A 1N 4761A 1N 4762A 1N 4763A 1N 4764A
4728A 4729A 4730A 4731A 4732A 4733A 4734A 4735A 4736A 4737A 4738A 4739A 4740A 4741A 4742A 4743A 4744A 4745A 4746A 4747A 4748A 4749A 4750A 4751A 4752A 4753A 4754A 4755A 4756A 4757A 4758A 4759A 4760A 4761A 4762A 4763A 4764A
D O - 1G 4 D O - 1G 4 D O - 1G 4 D O - 1G 4 D O - 1G 4 D O - 1G 4 D O - 1G 4 D O - 1G 4 D O - 1G 4 D O - 1G 4 D O - 1G 4 D O - 1G 4 D O - 1G 4 D O - 1/ O - 1G 4D 4 D O - 1/ O - 1G 4D 4 D O - 1/ O - 1G 4D 4 D O - 1/ O - 1G 4D 4 D O - 1/ O - 1G 4D 4 D O - 1/ O - 1G 4D 4 D O - 1/ O - 1G 4D 4 D O - 1/ O - 1G 4D 4 D O - 1/ O - 1G 4D 4 D O - 1/ O - 1G 4D 4 D O - 1/ O - 1G 4D 4 D O - 1/ O - 1G 4D 4 D O - 1/ O - 1G 4D 4 D O - 1/ O - 1G 4D 4 D O - 1/ O - 1G 4D 4 D O - 1/ O - 1G 4D 4 D O - 1/ O - 1G 4D 4 D O - 1/ O - 1G 4D 4 D O - 1/ O - 1G 4D 4 D O - 1/ O - 1G 4D 4 D O - 1/ O - 1G 4D 4 D O - 1/ O - 1G 4D 4 D O - 1/ O - 1G 4D 4 D O - 1/ O - 1G 4D 4
REV.0-MAR.7.2005
PAGE . 2
1N4728A~1N4764A
NOTE: 1. Tolerance and Type Number Designation. The type umbers listed have a standard tolerance on the nominal zener voltage of + 5% 2. Specials Available Include: A. Nominal zener voltages between the voltages shown and tighter voltage tolerances. B. Matched sets. 3. Zener Voltage (Vz) Measurement. Guarantees the zener voltage when measured at 90 seconds while maintaining o o the lead temperature (T L ) at 30 C + 1 C, from the diode body. 4. Zener Impedance (Zz) Derivation. The zener impedance is derived from the 60 cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (Izt or Izk) is superimposed on Izt or Izk. 5. Surge Current (Ir) Non-Repetitive. The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2
RATING AND CHARACTERISTICS CURVES
P D , MAXIMUM POWER DISSIPATION (WATTS)
1.0
L=LEAD LENGTH TO HEAT SINK
0.75
0.5
0.25
0 0 20 40 60 80 100 120 140 160 180
O
200
T L , LEAD TEMPERATURE ( C)
FIGURE.1 POWER TEMPERATURE DERATING CURVE
a.RANGE FOR UNITS TO 12 VOLTS
b.RANGE FOR UNITS 12 TO 100 VOLTS
FIGURE.2 TEMPERATURE COEFICIENTS (-55 OC TO +150 OC TEMPERATURE RANGE; 90% OF THE UNITS ARE IN THE RANGES INDICATED.)
REV.0-MAR.7.2005
PAGE . 3
1N4728A~1N4764A
FIGURE.3TYPICAL THERMAL RESISTANCE versus LEAD LENGTH
FIGURE.4 EFFECT OF ZENER CURRENT
FIGU R E.5 MAXIMUM SURGE POWER
FIGURE.6 EFFECT OF ZENER CURRENT ON ZENER IMPEDANCE
FIGURE.7 EFFECT OF ZENER VOLTAGE ON ZENER IMPEDANCE
REV.0-MAR.7.2005
PAGE . 4
1N4728A~1N4764A
Vz, ZENER VOLTAGE (VOLTS) FIGURE.9 TYPICAL CAPACITANCE versus Vz
FIGURE.8 TYPICAL LEAKAGE CURRENT
m
FIGURE.10 TYPICAL FORWARD CHARACTERISTICS
REV.0-MAR.7.2005
PAGE . 5


▲Up To Search▲   

 
Price & Availability of 1N4734A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X